Part Number Hot Search : 
12100 02BBBW2 74HC36 TDZ16 U420B SPN04N60 SL021 T6L37A
Product Description
Full Text Search
 

To Download PCM-9582FG-00A2E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-9582
PCI DVI LVDS TV-Out Audio DIMM up to 1GB Power Ethernet FDD 1st IDE USB3, 4 USB1, 2
Onboard Intel(R) Pentium(R) M EBX SBC with LAN/LVDS/DVI/VGA/Audio/ 4 COM/4 USB/2 SATA/PC/104+ Features
Embedded Intel(R) Pentium(R) M 1.8 GHz/1.4 GHz/ Embedded Intel(R) Celeron(R) M 600 MHz/1.0 GHz Supports ECC DDR Memory up to 1 GB, accept 128/256/512/1024 MB DDR200/266/333 DRAM EBX form factor standard and support for PC/104-Plus bus Supports up to 1000Base-T Ethernet Supports up to two channel 36-bit LVDS interface Supports Enhanced Intel(R) Speedstep Technology Supports PC/104+ (PCI + ISA (8bit)), Mini PCI and 1 x PCI Slot Two x SATA 150 (RAID 0/1), 4 x COM, 4 x USB 2.0, 8 bit GPIO
Intel(R) Pentium M Processor
PC/104+ KB/Mouse SATA 4 COM
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System CPU Front Side Bus L2 Cache Chipset BIOS Technology Max. Capacity Socket CompactFlash LPT FDD RS-232 RS-232/422/485 K/B Mouse USB Audio GPIO SMBus Max. Data Transfer Rate Channel Mode Channel PCI miniPCI PC/104-Plus Speed Controller Interface Controller VRAM LVDS LCD TV-Out Dual Independent Display Operation Temperature Operating Humidity Power Type Power Supply Voltage Power Consumption: Typical Power Power Consumption: Max, test in HCT Power Management Battery Output Interval Dimensions (L x W) Weight Embedded Intel Pentium M 1.4/1.8 GHz, Celeron M 600 MHz/ 1.0 GHz, Socket type 400/533 MHz 512 KB ~ 2 MB Intel 855GME + 6300ESB Award 4 Mbit DDR 200/266/333 1 GB 1 x 184-pin DIMM, ECC Card Type I, Type II (shared 2nd IDE Channel) 1 1 3 1 1 1 4 x USB 2.0 AC97, Speaker out, CD-input, Line-in, Line-out, Mic-in 8-bit general purpose input/output Supported 150 (RAID 0,1) 2 UDMA 100 1 1 1 1 (8-bit ISA) 10/100Mbps (PCM-9582F); 10/100/1000Mbps (optional) (PCM-9582FG) Intel 82551ER, optional 82551QM, 82541PI (GbE) RJ-45 by cable Intel 855GME Optimized Shared Memory Architecture up to 32 MB system memory 1 x 36-bit LVDS Supports both NTSC/PAL, S-video and Composite Video CRT + LVDS, DVI/TV-out + LVDS, CRT + DVI 0 ~ 60 C (32 ~ 140 F) 0% ~ 90% relative humidity, non-condensing AT / ATX +5 V 5%, +12 V 5% 2.1 A @ 5 V, 0.03 A @ 12 V(Celeron M 600 with 256 MB DDR266) 2.3 A @ 5 V, 0.13 A @ 12 V(Pentium M 1.1 G with 256 MB DDR266 ) 2.54 A @ 5 V, 0.14 A @ 12 V(Pentium M 1.6G with 1.6 GHz with 256 MB) 2.63 A @ 5 V, 0.04 A @ 12 V(Celeron M 600 with 256 MB DDR266) 3.1 A @ 5 V, 0.15 A @ 12 V(Pentium M 1.1 G with 256 MB DDR266 ) 4.8 A @ 5 V, 0.15 A @ 12 V(Pentium M 1.6G with 1.6 GHz with 256 MB) APM, ACPI Lithium 3 V/196 mAH System reset Programmable 1 ~ 255 sec 203 x 146 mm (8" x 5.75") 0.85 kg (1.87 lb) (weight of total package)
Memory SSD
I/O Interface
SATA EIDE Expansion Slot
Ethernet
Display
Environment
Watchdog Timer Physical Characteristics
Embedded Single Board Computers
PCM-9582 Board Diagram
Intel Pentium M processor
VGA Connector LVDS Connector DVI Connector TV Connector FDD LPT COM 3/4 KB/ Mouse DIO LPC to ISA PC/104 Connector
LPC
855 GME
DDR DIMM
Codec
4 USB2.0 Super I/O 6300 ESB Audio codec
PCI Bus
Mini PCI Connector LAN chip LAN Connector
IDE CF 2 SATA COM 1/2
PCI Slot
PCI-104 connector
Ordering Information
Part No. PCM-9582F-00A2E PCM-9582FG-00A2E PCM-9582F-S8A2E PCM-9582F-S4A2E PCM-9582F-S0A2E PCM-9582F-M0A2E CPU Socket 479 Socket 479 Pentium M 1.8 GHz LV Pentium M 1.4 GHz ULV Celeron M 1.0 GHz ULV Celeron M 600 MHz L2 10/100 CRT LVDS DVI TV-out Cache LAN Yes 36-bit Yes Yes 1 Yes 36-bit Yes Yes -2 MB 2 MB Yes Yes 36-bit Yes 36-bit Yes 36-bit Yes 36-bit Yes Yes Yes Yes Yes 1 1 1 1 Giga RS-232/ Audio USB2.0 RS-232 LAN 422/485 -Yes 4 3 1 1 Yes 4 3 1 ----Yes Yes Yes Yes 4 4 4 4 3 3 3 3 1 1 1 1 LPT/FDD/ CF KB/MS Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes SATA 2 2 2 2 2 2 PCI-104 connector Yes Yes Yes Yes Yes Yes PC/104 connector Yes Yes Yes Yes Yes Yes PCI Slot 1 1 1 1 1 1 Mini PCI 1 1 1 1 1 1 Thermal Solution Active Active Active Passive Passive Passive Operation Temp. 0 ~ 60 C 0 ~ 60 C 0 ~ 60 C 0 ~ 60 C 0 ~ 60 C 0 ~ 60 C
512 KB Yes 512 KB Yes
PS: 48-bit LVDS possible but need confirm with AE for evaluation
Optional Accessories
Part No. PCM-10586-6200E 1703100260 1703100121 PCM-110-00A3E PCM-120-00A3E PCM-200-00A2E MIO-3120-00A1E MIO-3121-00A1E MIO-3140-00A1E MIO-3150-00A1E MIO-3130-00A1E MIO-3131-00A1E Description Wiring kit for PCM-9582 USB cable (26 cm) USB cable (12 cm) 1-slot PCI riser card for 5.25" biscuits 2-slot PCI riser card for 5.25" biscuits PCI-104 to PCI bus module Mini PCI interface to Wireless 802.11 b/g communication module Mini PCI to 4 COM Module Mini PCI interface to SATA storage module Mini PCI interface to video capture module Mini PCI Interface to Dual LAN Communication Module Mini PCI Interface to Single Giga LAN Communication Module
Packing List
Part No. 9689000002 Description PCM-9582 SBC Mini Jumper Pack Startup Manual Utility CD ATX Power Cable Heat sink 50 x 50 x 30 mm (PCM-9582F-S4A2E, PCM-9582F-S0A2E, PCM-9582F-M0A2E only) Cooler 50 x 50 x 35 mm (PCM-9582F-00A2E, PCM-9582FG-00A2E, PCM-9582F-S8A2E only) Quantity 1 1 1 1 1 1 1
1700001112
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCM-9582FG-00A2E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X